Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30135 Datasheet (PDF) - NTE Electronics

NTE30135 Datasheet PDF - NTE Electronics
Part # NTE30135
Download  NTE30135 Download

File Size   72.57 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators 5mm, Bullet Head Type

NTE30135 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE30135 Datasheet PDF - NTE Electronics

Part # NTE30135
Download  NTE30135 Click to download

File Size   72.57 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Super Bright LED Indicators 5mm, Bullet Head Type

NTE30135 Datasheet (HTML) - NTE Electronics

NTE30135 Datasheet HTML 1Page - NTE Electronics NTE30135 Datasheet HTML 2Page - NTE Electronics



Similar Part No. - NTE30135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30100 NTE-NTE30100 Datasheet
83Kb / 2P
   LED − Dual Color 3mm High Efficiency Red/Yellow Green
NTE30101 NTE-NTE30101 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Yellow/Yellow Green
NTE30102 NTE-NTE30102 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Yellow Green
NTE30103 NTE-NTE30103 Datasheet
82Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Blue
NTE30104 NTE-NTE30104 Datasheet
84Kb / 2P
   LED − Dual Color 5mm High Efficiency Red/Yellow Green
More results


Similar Description - NTE30135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
logo
OptoSupply Internationa...
OSB5SA5201A OPTOSUPPLY-OSB5SA5201A_09 Datasheet
137Kb / 1P
   5mm Bullet Super Blue LED
OSB5SA5201A OPTOSUPPLY-OSB5SA5201A Datasheet
97Kb / 1P
   5mm Bullet Super Blue LED
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
logo
OptoSupply Internationa...
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
logo
Elektron Components Ltd...
DX0998 BULGIN-DX0998 Datasheet
68Kb / 1P
   5mm LED Indicators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com