Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC276QS24 Datasheet (PDF) - Hittite Microwave Corporation

HMC276QS24 Datasheet PDF - Hittite Microwave Corporation
Part # HMC276QS24
Download  HMC276QS24 Download

File Size   420.53 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz

HMC276QS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC276QS24 Datasheet PDF - Hittite Microwave Corporation

Part # HMC276QS24
Download  HMC276QS24 Click to download

File Size   420.53 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz

HMC276QS24 Datasheet (HTML) - Hittite Microwave Corporation

HMC276QS24 Datasheet HTML 1Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 2Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 3Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 4Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 5Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 6Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 7Page - Hittite Microwave Corporation HMC276QS24 Datasheet HTML 8Page - Hittite Microwave Corporation

HMC276QS24 Product details

General Description
The HMC276QS24 & HMC276QS24E are low-cost 4x2 switch matrix in a 24-lead QSOP package for use in RF multiplexing applications from 700 to 3000 MHz. A positive voltage controlled 4 bit decoder is integrated on the switch. The switch may be used in either 75 ohm or 50 ohm systems.

Features
   Available as Lead Free
   4x2 Switch Matrix Using One IC
   4x4 Switch Matrix Using Two ICs
   Integrated 4 Bit Decoder
   Single Positive Supply: Vdd = +5V

Typical Applications
4x2 Switch Matrix for 0.7 - 3.0 GHz Applications:
• Cable Modem
• CATV
• Cellular Systems
• DBS




Similar Part No. - HMC276QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24E HITTITE-HMC276QS24E Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results


Similar Description - HMC276QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com