Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1BF Datasheet (PDF) - Microdiode Electronics (Jiangsu) Co.,Ltd.

ES1BF Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.
Part # ES1BF
Download  ES1BF Download

File Size   628.04 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1BF Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1BF Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # ES1BF
Download  ES1BF Click to download

File Size   628.04 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT SUPER FAST RECTIFIER

ES1BF Datasheet (HTML) - Microdiode Electronics (Jiangsu) Co.,Ltd.

ES1BF Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ES1BF Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

ES1BF Product details

Reverse Voltage - 50 to 600 Volts Forward Current - 1.0 Ampere

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ For surface mounted applications
♦ Super fast switching for high efficiency
♦ Low reverse leakage
♦ Built-in strain relief,ideal for automated placement
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 260 C/10 seconds at terminals
♦ Glass passivated chip junction

MECHANICAL DATA
   Case : JEDEC SMAF molded plastic body over passivated chip
   Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight:0.0018 ounce, 0.064 grams




Similar Part No. - ES1BF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1BF PANJIT-ES1BF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Nanjing International G...
ES1BF DGNJDZ-ES1BF Datasheet
142Kb / 2P
   1.0AMPSUPERFASTRECTIFIERS
logo
AiT Semiconductor Inc.
ES1BF AITSEMI-ES1BF Datasheet
534Kb / 5P
   RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
logo
DONGGUAN YOU FENG WEI E...
ES1BF YFWDIODE-ES1BF Datasheet
138Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
Nantong Hornby Electron...
ES1BF HORNBY-ES1BF Datasheet
277Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
More results


Similar Description - ES1BF

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com