Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS26 Datasheet (PDF) - Microdiode Electronics (Jiangsu) Co.,Ltd.

SS26 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.
Part # SS26
Download  SS26 Download

File Size   500.17 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS26 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS26 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SS26
Download  SS26 Click to download

File Size   500.17 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS26 Datasheet (HTML) - Microdiode Electronics (Jiangsu) Co.,Ltd.

SS26 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SS26 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

SS26 Product details

Reverse Voltage - 20 to 200 Volts Forward Current - 2.0 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ For surface mounted applications
♦ Metal silicon junction,majority carrier conduction
♦ Low power loss,high efficiency
♦ Built-in strain relief,ideal for automated placement
♦ High forward surge current capability
♦ High temperature soldering guaranteed: 250°C/10 seconds at terminals

MECHANICAL DATA
   Case: JEDEC DO-214AC molded plastic body
   Terminals: leads solderable per MIL-STD-750,
   Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight:0.070 grams






Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS26 FORMOSA-SS26 Datasheet
117Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS26 YIXIN-SS26 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS26 DSK-SS26 Datasheet
196Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SS26 YANGJIE-SS26 Datasheet
739Kb / 2P
   2.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com