Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
3110-12SA
(1)
3110-12SA - 3100 SERIES LOW PROFILE CONNECTOR FOR PREVENTING EMI - Hirose Electric
Click Here View
3110-12SA
Datasheet
Part No.
3110-12SA
Description
3100 SERIES LOW PROFILE CONNECTOR FOR PREVENTING EMI
Download
3110-12SA
Click here
to View
File Size
301.52 Kbytes / 11 Pages
Maker
HIROSE [Hirose Electric]
Homepage
http://www.hirose-connectors.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
DF19G-18P-1H
1
mm-Pitch
Low
Profile
Connector
System
for
Wire
to
PCB
Applications
Suitable
for
use
with
Discrete
Wire
FPC
or
Fine
Coaxial
Cable
Hirose Electric
RO2103
Ideal
for
418
MHz
Transmitters
Very
Low
Series
Resistance
Quartz
Stability
RF Monolithics, Inc
BB555
Silicon
Tuning
Diode
For
UHF-TV-tuners
High
capacitance
ratio
Low
series
inductance
Siemens Semiconductor Group
BB565
Silicon
Variable
Capacitance
Diode
For
UHF-TV-tuners
High
capacitance
ratio
Low
series
inductance
Low
series
resistance
Siemens Semiconductor Group
PLL702-02
Low
EMI
Peripheral
Clock
Generator
for
Notebook
&
Motherboards
PhaseLink Corporation
B71N4V02T
SERIES
71
Flash-mount
Printed
Circuit
Board
Headers
5mm
and
10mm
for
Series
51
Plug-in
Connector
ETC
PLL650-04
Low
EMI
Clock
for
10/100
PHY
and
Gigabit
Ethernet
PhaseLink Corporation
PLL702-03
Low
EMI
Peripheral
Clock
Generator
for
Notebook
PCs
PhaseLink Corporation
FSQ0365RN
Green
Mode
Fairchild
Power
Switch
FPS
for
Quasi-Resonant
Operation
-
Low
EMI
and
High
Efficiency
Fairchild Semiconductor
PLL702-05
Low
EMI
Peripheral
Clock
Generator
for
Notebook
PhaseLink Corporation
Link URL :
Related keyword
3110-12SA Datasheet
3110-12SA Cross Reference
3110-12SA Schematic
3110-12SA Distributor
3110-12SA Datenblatt
3110-12SA RoHS
3110-12SA Equivalent
3110-12SA Application Notes
3110-12SA Data Sheet
3110-12SA components
3110-12SA Fiche Technique
3110-12SA Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer