Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548 Datasheet (PDF) - Diotec Semiconductor

BC548 Datasheet PDF - Diotec Semiconductor
Part # BC548
Download  BC548 Download

File Size   148.76 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC548 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC548 Datasheet PDF - Diotec Semiconductor

Part # BC548
Download  BC548 Click to download

File Size   148.76 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

BC548 Datasheet (HTML) - Diotec Semiconductor

BC548 Datasheet HTML 1Page - Diotec Semiconductor BC548 Datasheet HTML 2Page - Diotec Semiconductor

BC548 Product details

Features
    General Purpose Three current gain groups Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Signal processing, Switching, Amplification Commercial grade 1)

Mechanical Data 1)
    (1) Taped in ammo pack 4000 (Raster 2.54)
    (2) On request: in bulk 5000 (Raster 1.27, suffix “BK”)
    Weight approx. 0.01 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL N/A




Similar Part No. - BC548

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548 ONSEMI-BC548 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Foshan Blue Rocket Elec...
BC548 FOSHAN-BC548 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
logo
Diotec Semiconductor
BC548 DIOTEC-BC548 Datasheet
100Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Fairchild Semiconductor
BC548 FAIRCHILD-BC548 Datasheet
50Kb / 4P
   Switching and Applications
logo
Semtech Corporation
BC548 SEMTECH-BC548 Datasheet
371Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - BC548

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
   Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
   Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
   Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
   Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com