Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7091R-8BRUZ Datasheet (PDF) - Analog Devices

AD7091R-8BRUZ Datasheet PDF - Analog Devices
Part # AD7091R-8BRUZ
Download  AD7091R-8BRUZ Download

File Size   861.82 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-8BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7091R-8BRUZ Datasheet PDF - Analog Devices

Part # AD7091R-8BRUZ
Download  AD7091R-8BRUZ Click to download

File Size   861.82 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC

AD7091R-8BRUZ Datasheet (HTML) - Analog Devices

Back Button AD7091R-8BRUZ Datasheet HTML 1Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 2Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 3Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 4Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 9Page - Analog Devices AD7091R-8BRUZ Datasheet HTML 10Page - Analog Devices Next Button 

AD7091R-8BRUZ Product details

GENERAL DESCRIPTION
The AD7091R-2/AD7091R-4/AD7091R-8 family is a multichannel 12-bit, ultralow power, successive approximation analog-to-digital converter (ADC) that is available in two, four, or eight analog input channel options. The AD7091R-2/AD7091R-4/AD7091R-8 operate from a single 2.7 V to 5.25 V power supply and are capable of achieving a sampling rate of 1 MSPS.

FEATURES
   Ultralow system power
      Flexible power/throughput rate management
      Normal mode
         1.4 mW at 1 MSPS
      Power-down mode
         550 nA typical at VDD = 5.25 V
         435 nA typical at VDD = 3 V
      Programmable ALERT interrupt pin (4-/8-channel models)
   High performance
      1 MSPS throughput with no latency/pipeline delay
      SNR: 70 dB typical at 10 kHz input frequency
      THD: −80 dB typical at 10 kHz input frequency
      INL: ±0.7 LSB typical, ±1.0 LSB maximum
   Small system footprint
      On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
      MUXOUT/ADCIN to allow single buffer amplifier
      Daisy-chain mode
      16-lead, 20-lead, and 24-lead 4 mm × 4 mm LFCSP packages
      16-lead, 20-lead, and 24-lead TSSOP packages
   Easy to use
      SPI/QSPI™/MICROWIRE™/DSP compatible digital interface
      Integrated programmable channel sequencer
      BUSY indication available (4-/8-channel models)
   Built in features for control and monitoring applications
      GPOx pins available (4-/8-channel models)
   Wide operating range
      Temperature range: −40°C to +125°C
      Specified for VDD of 2.7 V to 5.25 V
  
APPLICATIONS
   Battery-powered systems
   Personal digital assistants
   Medical instruments
   Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions




Similar Part No. - AD7091R-8BRUZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7091R-8BRUZ ETC2-AD7091R-8BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results


Similar Description - AD7091R-8BRUZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com