Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72108TP-15 Datasheet (PDF) - GSI Technology

GS72108TP-15 Datasheet PDF - GSI Technology
Part # GS72108TP-15
Download  GS72108TP-15 Download

File Size   364.42 Kbytes
Page   12 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 8 2Mb Asynchronous SRAM

GS72108TP-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS72108TP-15 Datasheet PDF - GSI Technology

Part # GS72108TP-15
Download  GS72108TP-15 Click to download

File Size   364.42 Kbytes
Page   12 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 8 2Mb Asynchronous SRAM

GS72108TP-15 Datasheet (HTML) - GSI Technology

Back Button GS72108TP-15 Datasheet HTML 1Page - GSI Technology GS72108TP-15 Datasheet HTML 2Page - GSI Technology GS72108TP-15 Datasheet HTML 3Page - GSI Technology GS72108TP-15 Datasheet HTML 4Page - GSI Technology GS72108TP-15 Datasheet HTML 5Page - GSI Technology GS72108TP-15 Datasheet HTML 6Page - GSI Technology GS72108TP-15 Datasheet HTML 7Page - GSI Technology GS72108TP-15 Datasheet HTML 8Page - GSI Technology GS72108TP-15 Datasheet HTML 9Page - GSI Technology GS72108TP-15 Datasheet HTML 10Page - GSI Technology Next Button 

GS72108TP-15 Product details

Description
The GS72108 is a high speed CMOS Static RAM organized as 262,144 words by 8 bits. Static design eliminates the need for external clocks or timing strobes. The GS operates on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS72108 is available in 400 mil SOJ and 400 mil TSOP Type-II packages.

Features
• Fast access time: 8, 10, 12, 15 ns
• CMOS low power operation: 150/125/110/90 mA at minimum cycle time.
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package line up J: 400 mil, 36-pin SOJ package TP: 400 mil, 44-pin TSOP Type II package




Similar Part No. - GS72108TP-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS72108AGP-10 ETC1-GS72108AGP-10 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-10I ETC1-GS72108AGP-10I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12 ETC1-GS72108AGP-12 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12I ETC1-GS72108AGP-12I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-7 ETC1-GS72108AGP-7 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Similar Description - GS72108TP-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com