Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSL4148 Datasheet (PDF) - Comchip Technology

CDSL4148 Datasheet PDF - Comchip Technology
Part # CDSL4148
Download  CDSL4148 Download

File Size   144.93 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Small-Signal Switching Diode

CDSL4148 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDSL4148 Datasheet PDF - Comchip Technology

Part # CDSL4148
Download  CDSL4148 Click to download

File Size   144.93 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Small-Signal Switching Diode

CDSL4148 Datasheet (HTML) - Comchip Technology

CDSL4148 Datasheet HTML 1Page - Comchip Technology CDSL4148 Datasheet HTML 2Page - Comchip Technology CDSL4148 Datasheet HTML 3Page - Comchip Technology

CDSL4148 Product details

Reverse Voltage:100V
Forward Current: 150 mA

Features
   Silicon Epitaxial Planar Diode
   Fast switching diode in MiniMELF case especially suited
   for automatic insertion.
   This diode is also available in other case styles including the
   standard 0603 case with the type designation CDSU4148, the
   standard 0805 case withthe type designation CDSS4148 and
   the standard 1206 case with the type designation CDSN4148

Mechanical Data
   Case: MiniMELF Glass Case (SOD-80)
   Weight: approx. 0.05g
   Cathode Band Color: Black




Similar Part No. - CDSL4148

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSL4148-G COMCHIP-CDSL4148-G Datasheet
419Kb / 2P
   Small-Signal Switching Diode
CDSL4148-G COMCHIP-CDSL4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSL4148-G COMCHIP-CDSL4148-G_12 Datasheet
112Kb / 4P
   Small Signal Switching Diodes
More results


Similar Description - CDSL4148

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com