Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1188 Datasheet (PDF) - Microsemi Corporation

1N1188 Datasheet PDF - Microsemi Corporation
Part # 1N1188
Download  1N1188 Download

File Size   128.81 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

1N1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1188 Datasheet PDF - Microsemi Corporation

Part # 1N1188
Download  1N1188 Click to download

File Size   128.81 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon Power Rectifier

1N1188 Datasheet (HTML) - Microsemi Corporation

1N1188 Datasheet HTML 1Page - Microsemi Corporation 1N1188 Datasheet HTML 2Page - Microsemi Corporation

1N1188 Product details

Silicon Power Rectifier

• Glass Passivated Die
• 800A surge rating
• Glass to metal construction
• VRRM to 1000V




Similar Part No. - 1N1188

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1188 MICROSEMI-1N1188 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
logo
Naina Semiconductor ltd...
1N1188 NAINA-1N1188 Datasheet
556Kb / 2P
   Standard Recovery Diode, 35A
logo
Diotec Semiconductor
1N1188 DIOTEC-1N1188 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
logo
GeneSiC Semiconductor, ...
1N1188 GENESIC-1N1188 Datasheet
724Kb / 3P
   Silicon Standard Recovery Diode
logo
International Rectifier
1N1188 IRF-1N1188 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
More results


Similar Description - 1N1188

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
   Silicon Power Rectifier
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
   Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
   Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
   Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
   Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
   SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
   SILICON POWER RECTIFIER
logo
Microsemi Corporation
1N3744 MICROSEMI-1N3744 Datasheet
142Kb / 2P
   SILICON POWER RECTIFIER
1N2246 MICROSEMI-1N2246 Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com