Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP5600 Datasheet (PDF) - Harris Corporation

HIP5600 Datasheet PDF - Harris Corporation
Part # HIP5600
Download  HIP5600 Download

File Size   175.51 Kbytes
Page   16 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Thermally Protected High Voltage Linear Regulator

HIP5600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5600 Datasheet PDF - Harris Corporation

Part # HIP5600
Download  HIP5600 Click to download

File Size   175.51 Kbytes
Page   16 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description Thermally Protected High Voltage Linear Regulator

HIP5600 Datasheet (HTML) - Harris Corporation

Back Button HIP5600 Datasheet HTML 1Page - Harris Corporation HIP5600 Datasheet HTML 2Page - Harris Corporation HIP5600 Datasheet HTML 3Page - Harris Corporation HIP5600 Datasheet HTML 4Page - Harris Corporation HIP5600 Datasheet HTML 5Page - Harris Corporation HIP5600 Datasheet HTML 6Page - Harris Corporation HIP5600 Datasheet HTML 7Page - Harris Corporation HIP5600 Datasheet HTML 8Page - Harris Corporation HIP5600 Datasheet HTML 9Page - Harris Corporation HIP5600 Datasheet HTML 10Page - Harris Corporation Next Button 

HIP5600 Product details

The HIP5600 is an adjustable 3-terminal positive linear voltage regulator capable of operating up to either 400VDC or 280VRMS. The output voltage is adjustable from 1.2VDC to within 50V of the peak input voltage with two external resistors. This high voltage linear regulator is capable of sourcing 1mA to 30mA with proper heat sinking. The HIP5600 can also provide 40mA peak (typical) for short periods of time.
Protection is provided by the on chip thermal shutdown and output current limiting circuitry. The HIP5600 has a unique advantage over other high voltage linear regulators due to its ability to withstand input to output voltages as high as 400V(peak), a condition that could exist under output short circuit conditions.
Common linear regulator configurations can be implemented as well as AC/DC conversion and start-up circuits for switch mode power supplies.

Features
• Operates from 50VDC to 400VDC
• Operates from 50VRMS to 280VRMS Line
• UL Recognized
• Variable DC Output Voltage 1.2VDC to VIN - 50V
• Internal Thermal Shutdown Protection
• Internal Over Current Protection
• Up to 40mA Peak Output Current
• Surge Rated to ±650V; Meets IEEE/ANSI C62.41.1980 with Additional MOV
CAUTION: This product does not provide isolation from AC line.

Applications
• Switch Mode Power Supply Start-Up
• Electronically Commutated Motor Housekeeping Supply
• Power Supply for Simple Industrial/Commercial/Consumer Equipment Controls
• Off-Line (Buck) Switch Mode Power Supply




Similar Part No. - HIP5600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS INTERSIL-HIP5600IS Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600IS2 INTERSIL-HIP5600IS2 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
More results


Similar Description - HIP5600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com