Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40W Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS40W Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # BAS40W
Download  BAS40W Download

File Size   634.07 Kbytes
Page   4 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description SCHOTTKY BARRIER DIODE

BAS40W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS40W Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BAS40W
Download  BAS40W Click to download

File Size   634.07 Kbytes
Page   4 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description SCHOTTKY BARRIER DIODE

BAS40W Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS40W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS40W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS40W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAS40W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd

BAS40W Product details

FEATURES
Power dissipation
PD: 200 mW(T amb=25℃)
Collector current
IF: 200 mA
Collector-base voltage
VR:  40V
Operating and storage junction temperature range
TJ,Tstg: -55℃to +150℃




Similar Part No. - BAS40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
SEMTECH ELECTRONICS LTD...
BAS40W SEMTECH_ELEC-BAS40W Datasheet
193Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
BAS40W BILIN-BAS40W Datasheet
227Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
Siemens Semiconductor G...
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
NXP Semiconductors
BAS40W NXP-BAS40W Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
More results


Similar Description - BAS40W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com