Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC08V Datasheet (PDF) - Anachip Corp

AM24LC08V Datasheet PDF - Anachip Corp
Part # AM24LC08V
Download  AM24LC08V Download

File Size   202.98 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM

AM24LC08V Datasheet (PDF)

Go To PDF Page Download Datasheet
AM24LC08V Datasheet PDF - Anachip Corp

Part # AM24LC08V
Download  AM24LC08V Click to download

File Size   202.98 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM

AM24LC08V Datasheet (HTML) - Anachip Corp

AM24LC08V Datasheet HTML 1Page - Anachip Corp AM24LC08V Datasheet HTML 2Page - Anachip Corp AM24LC08V Datasheet HTML 3Page - Anachip Corp AM24LC08V Datasheet HTML 4Page - Anachip Corp AM24LC08V Datasheet HTML 5Page - Anachip Corp AM24LC08V Datasheet HTML 6Page - Anachip Corp AM24LC08V Datasheet HTML 7Page - Anachip Corp AM24LC08V Datasheet HTML 8Page - Anachip Corp AM24LC08V Datasheet HTML 9Page - Anachip Corp AM24LC08V Datasheet HTML 10Page - Anachip Corp

AM24LC08V Product details

General Description
The AM24LC08 is a non-volatile, 8192-bit serial EEPROM with conforms to all specifications in I2C 2 wire protocol. The whole memory can be disabled (Write Protected) by connecting the WP pin to Vcc. This section of memory then becomes unalterable unless WP is switched to Vss. The AM24LC08 communication protocol uses CLOCK(SCL) and DATA I/O(SDA) lines to synchronously clock data between the master (for example a microcomputer)and the slave EEPROM devices(s) .

Features
• State- of- the- art architecture
    - Non-volatile data storage
    - Standard voltage and low voltage operation (Vcc = 2.7V to 5.5V) for AM24LC08
• 2-wire I2C serial interface
    - Provides bi-directional data transfer protocol
• 16-byte page write mode
    - Minimizes total write time per word
• Self-timed write-cycle (including auto-erase)
• Durable and Reliable
    - 40 years data retention
    - Minimum of 1M write/erase cycles per word
    - Unlimited read cycles
    - ESD protection
• Low standby current
• Packages: PDIP-8L, SOP-8L



Similar Part No. - AM24LC08V

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Similar Description - AM24LC08V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com