Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68-C45 Datasheet (PDF) - List of Unclassifed Manufacturers

STK11C68-C45 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK11C68-C45
Download  STK11C68-C45 Download

File Size   58.99 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK11C68-C45 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK11C68-C45 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK11C68-C45
Download  STK11C68-C45 Click to download

File Size   58.99 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM

STK11C68-C45 Datasheet (HTML) - List of Unclassifed Manufacturers

STK11C68-C45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK11C68-C45 Datasheet HTML 10Page - List of Unclassifed Manufacturers

STK11C68-C45 Product details

[SIMTEK]

DESCRIPTION
The Simtek STK11C68 is a fast static RAM with a nonvolatile, electrically erasable PROM element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in the EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation), or from EEPROM to SRAM (the RECALL operation), take place using a software sequence. Transfers from the EEPROM to the SRAM (the RECALL operation) also take place automatically on restoration of power.
The STK11C68 is pin-compatible with industry standard SRAMs. MIL-STD-883 device is also available (STK11C68-M).

FEATURES
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by Software
• RECALL to SRAM Initiated by Software or Power Restore
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial Temperature Range
• Commercial and Industrial Temperatures
• 28-Pin DIP and SOIC Packages




Similar Part No. - STK11C68-C45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-C35 CYPRESS-STK11C68-C35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-C35I CYPRESS-STK11C68-C35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-CF25 SIMTEK-STK11C68-CF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25I SIMTEK-STK11C68-CF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-CF25ITR SIMTEK-STK11C68-CF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results


Similar Description - STK11C68-C45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com