Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981B Datasheet (PDF) - Analog Devices

AD1981B Datasheet PDF - Analog Devices
Part # AD1981B
Download  AD1981B Download

File Size   499.82 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX Codec

AD1981B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1981B Datasheet PDF - Analog Devices

Part # AD1981B
Download  AD1981B Click to download

File Size   499.82 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX Codec

AD1981B Datasheet (HTML) - Analog Devices

Back Button AD1981B Datasheet HTML 1Page - Analog Devices AD1981B Datasheet HTML 2Page - Analog Devices AD1981B Datasheet HTML 3Page - Analog Devices AD1981B Datasheet HTML 4Page - Analog Devices AD1981B Datasheet HTML 5Page - Analog Devices AD1981B Datasheet HTML 6Page - Analog Devices AD1981B Datasheet HTML 7Page - Analog Devices AD1981B Datasheet HTML 8Page - Analog Devices AD1981B Datasheet HTML 9Page - Analog Devices AD1981B Datasheet HTML 10Page - Analog Devices Next Button 

AD1981B Product details

FEATURES

AC ’97 2.3 COMPATIBLE FEATURES

S/PDIF Output, 20 Bits Data Format, Supporting

     48 kHz and 44.1 kHz Sample Rates

Integrated Stereo Headphone Amplifier

Variable Sample Rate Audio

External Audio Power-Down Control

Greater than 90 dB Dynamic Range

Stereo Full-Duplex Codec

20-Bit PCM DAC

3 Analog Line-Level Stereo Inputs for Line-In, AUX, and CD

Mono Line-Level Phone Input

Dual MIC Input with Built-In Programmable Preamp

High Quality CD Input with Ground Sense

Mono Output for Speakerphone or Internal Speaker

      Power Management Support

48-Lead LQFP Package, Lead-Free Available



ENHANCED FEATURES

Stereo MIC Preamps Support

Built-In Digital Equalizer Function for Optimized Speaker Sound

Full-Duplex Variable Sample Rates from 7040 Hz to 48 kHz with 1 Hz Resolution

Jack Sense Pins Provide Automatic Output Switching

Software Programmed VREFOUT Output for Biasing Microphone and External Power Amp

Split Power Supplies: 3.3 V Digital and 5 V Analog

Multiple Codec Configuration Options




Similar Part No. - AD1981B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
AD1981BBSTZ-REEL AD-AD1981BBSTZ-REEL Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
AD1981BJST AD-AD1981BJST Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
AD1981BJST-REEL AD-AD1981BJST-REEL Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
AD1981BJSTZ-REEL AD-AD1981BJSTZ-REEL Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Similar Description - AD1981B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com