Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-2212 Datasheet (PDF) - Exar Corporation

XR-2212 Datasheet PDF - Exar Corporation
Part # XR-2212
Download  XR-2212 Download

File Size   228.18 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Precision Phase-Locked Loop

XR-2212 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-2212 Datasheet PDF - Exar Corporation

Part # XR-2212
Download  XR-2212 Click to download

File Size   228.18 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Precision Phase-Locked Loop

XR-2212 Datasheet (HTML) - Exar Corporation

Back Button XR-2212 Datasheet HTML 1Page - Exar Corporation XR-2212 Datasheet HTML 2Page - Exar Corporation XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation XR-2212 Datasheet HTML 10Page - Exar Corporation Next Button 

XR-2212 Product details

GENERAL DESCRIPTION

The XR-2212 is an ultra-stable monolithic phase-locked loop (PLL) system especially designed for data communications and control system applications. Its on board reference and uncommitted operational amplifier, together with a typical temperature stability of better than 20ppm/°C, make it ideally suited for frequency synthesis,FM detection, and tracking filter applications. The wide input dynamic range, large operating voltage range, large frequency range, and HCMOS and TTL compatibility contribute to the usefulness and wide applicability of this device.



FEATURES

Quadrature VCO Outputs

Wide Frequency Range (0.01Hz to 300kHz)

Wide Supply Voltage Range (4.5V to 20V)

TTL/HCMOS Compatible (VCC = 5VDC)

Wide Dynamic Range (2mV to 3Vrms)

Adjustable Tracking Range (1% to 80%)

Excellent Temp. Stability 20ppm/°C, Typ.



APLICATIONS

Frequency Synthesis

Data Synchronization

FM Detection

Tracking Filters

FSK Demodulation




Similar Part No. - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212CP EXAR-XR-2212CP Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
More results


Similar Description - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com