Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF252 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF252 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF252
Download  IRF252 Download

File Size   48.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speed

IRF252 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF252 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF252
Download  IRF252 Click to download

File Size   48.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Nanosecond Switching Speed

IRF252 Datasheet (HTML) - Inchange Semiconductor Company Limited

IRF252 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF252 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

IRF252 Product details

DESCRIPTION
• Drain Current ID=25A@ TC=25℃
• Drain Source Voltage : VDSS= 200V(Min)
• Static Drain-Source On-Resistance : RDS(on) =0.12Ω(Max)
• Nanosecond Switching Speed

APPLICATIONS
• Switching power supplies
• Switching converters,motor driver,relay driver




Similar Part No. - IRF252

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF252 SAMSUNG-IRF252 Datasheet
215Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
IXYS Corporation
IRF252 IXYS-IRF252 Datasheet
49Kb / 1P
   High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
New Jersey Semi-Conduct...
IRF252 NJSEMI-IRF252 Datasheet
136Kb / 3P
   N-CHANNE POWER MOSFETS
IRF252 NJSEMI-IRF252 Datasheet
137Kb / 3P
   N-CHANNEL POWER MOSFETS
More results


Similar Description - IRF252

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF253 ISC-IRF253 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
IRF251 ISC-IRF251 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
IRF254 ISC-IRF254 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
IRF256 ISC-IRF256 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
IRF257 ISC-IRF257 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
IRF255 ISC-IRF255 Datasheet
48Kb / 2P
   Nanosecond Switching Speed
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
BUZ20 ISC-BUZ20 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com