![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC3837K - High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz) - Rohm |
|
Click Here View 2SC3837K Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CA3227 | High-Frequency NPN Transistor Array For Low-Power Applications at Frequencies Up to 1.5GHz | Intersil Corporation |
| UPA800T | HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD | NEC |
| UPA802T | HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD | NEC |
| BTC3838N3 | High Frequency Amplifier Transistor 11V 50mA 3.2GHz | Cystech Electonics Corp. |
| L2SC3356LT1 | High-Frequency Amplifier Transistor | Leshan Radio Company |
| L2SC3837DW1T1 | High-Frequency Amplifier Transistor | Leshan Radio Company |
| 2SC4774 | High frequency amplifier transistor RF switching 6V 50mA | Rohm |
| L2SC3837LT1 | High-Frequency Amplifier Transistor | Leshan Radio Company |
| 2SC5659 | High-frequency Amplifier Transistor 25V 50mA 300MHz | Rohm |
| UPA811T | HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD | NEC |
Link URL |
|
|
Related keyword |
| 2SC3837K Datasheet | 2SC3837K Cross Reference | 2SC3837K Schematic | 2SC3837K Distributor | 2SC3837K Datenblatt | 2SC3837K RoHS |
| 2SC3837K Equivalent | 2SC3837K Application Notes | 2SC3837K Data Sheet | 2SC3837K component | 2SC3837K Fiche Technique | 2SC3837K Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |