Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9214BRS-80 Datasheet (PDF) - Analog Devices

AD9214BRS-80 Datasheet PDF - Analog Devices
Part # AD9214BRS-80
Download  AD9214BRS-80 Download

File Size   447.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS 3 V A/D Converter

AD9214BRS-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9214BRS-80 Datasheet PDF - Analog Devices

Part # AD9214BRS-80
Download  AD9214BRS-80 Click to download

File Size   447.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS 3 V A/D Converter

AD9214BRS-80 Datasheet (HTML) - Analog Devices

Back Button AD9214BRS-80 Datasheet HTML 1Page - Analog Devices AD9214BRS-80 Datasheet HTML 2Page - Analog Devices AD9214BRS-80 Datasheet HTML 3Page - Analog Devices AD9214BRS-80 Datasheet HTML 4Page - Analog Devices AD9214BRS-80 Datasheet HTML 5Page - Analog Devices AD9214BRS-80 Datasheet HTML 6Page - Analog Devices AD9214BRS-80 Datasheet HTML 7Page - Analog Devices AD9214BRS-80 Datasheet HTML 8Page - Analog Devices AD9214BRS-80 Datasheet HTML 9Page - Analog Devices AD9214BRS-80 Datasheet HTML 10Page - Analog Devices Next Button 

AD9214BRS-80 Product details

PRODUCT DESCRIPTION
The AD9214 is a 10-bit monolithic sampling analog-to-digital converter (ADC) with an on-chip track-and-hold circuit, and is optimized for low cost, low power, small size, and ease of use. The product operates up to 105 MSPS conversion rate with outstanding dynamic performance over its full operating range.

FEATURES
   SNR = 57 dB @ 39 MHz Analog Input (–0.5 dBFS)
   Low Power
      190 mW at 65 MSPS
      285 mW at 105 MSPS
   30 mW Power-Down Mode
   300 MHz Analog Bandwidth
   On-Chip Reference and Track/Hold
   1 V p-p or 2 V p-p Analog Input Range Option
   Single 3.3 V Supply Operation (2.7 V–3.6 V)
   Two’s Complement or Offset Binary Data Format Option

APPLICATIONS
   Battery-Powered Instruments
   Hand-Held Scopemeters
   Low-Cost Digital Oscilloscopes
   Ultrasound Equipment
   Cable Reverse Path
   Broadband Wireless
   Residential Power Line Networks




Similar Part No. - AD9214BRS-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214BRS-80 AD-AD9214BRS-80 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results


Similar Description - AD9214BRS-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com