Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD895ZK Datasheet (PDF) - Jianghai Europe GmbH

CD895ZK Datasheet PDF - Jianghai Europe GmbH
Part # CD895ZK
Download  CD895ZK Download

File Size   694.08 Kbytes
Page   10 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 14 000h at 85째C

CD895ZK Datasheet (PDF)

Go To PDF Page Download Datasheet
CD895ZK Datasheet PDF - Jianghai Europe GmbH

Part # CD895ZK
Download  CD895ZK Click to download

File Size   694.08 Kbytes
Page   10 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 14 000h at 85째C

CD895ZK Datasheet (HTML) - Jianghai Europe GmbH

CD895ZK Datasheet HTML 1Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 2Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 3Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 4Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 5Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 6Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 7Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 8Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 9Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 10Page - Jianghai Europe GmbH



Similar Part No. - CD895ZK

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
More results


Similar Description - CD895ZK

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com