Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C43 Datasheet (PDF) - SUNMATE electronic Co., LTD

BZX384C43 Datasheet PDF - SUNMATE electronic Co., LTD
Part # BZX384C43
Download  BZX384C43 Download

File Size   481.85 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SILICON ZENER DIODES

BZX384C43 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX384C43 Datasheet PDF - SUNMATE electronic Co., LTD

Part # BZX384C43
Download  BZX384C43 Click to download

File Size   481.85 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SILICON ZENER DIODES

BZX384C43 Datasheet (HTML) - SUNMATE electronic Co., LTD

BZX384C43 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZX384C43 Datasheet HTML 2Page - SUNMATE electronic Co., LTD

BZX384C43 Product details

VOLTAGE RANGE: 2.4 - 7 5V

POWER: 0.2Wa t t s



Features

• Standard Zener voltage tolerance is ± 5 %.

• The Zener voltages are graded according

• Silicon Planar Power Zener Diodes to the internation E 24 standard.



 




Similar Part No. - BZX384C43

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX384C43 EIC-BZX384C43 Datasheet
109Kb / 2P
   ZENER DIODES
logo
TAITRON Components Inco...
BZX384C43 TAITRON-BZX384C43 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C43 SYNSEMI-BZX384C43 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C43 VISHAY-BZX384C43 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
GUANGDONG HOTTECH INDUS...
BZX384C43 HOTTECH-BZX384C43 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results


Similar Description - BZX384C43

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com