Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER601 Datasheet (PDF) - Diode Semiconductor Korea

HER601 Datasheet PDF - Diode Semiconductor Korea
Part # HER601
Download  HER601 Download

File Size   286.63 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

HER601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER601 Datasheet PDF - Diode Semiconductor Korea

Part # HER601
Download  HER601 Click to download

File Size   286.63 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description HIGH EFFICIENCY RECTIFIERS

HER601 Datasheet (HTML) - Diode Semiconductor Korea

HER601 Datasheet HTML 1Page - Diode Semiconductor Korea HER601 Datasheet HTML 2Page - Diode Semiconductor Korea

HER601 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 6.0 A



FEATURES

◇ Low cost

◇ Low leakage

◇ Low forward voltage drop

◇ High current capability

◇ Easily cleaned with alcohol,Isopropanol and similar solvents

◇ The plastic material carries U/L recognition 94V-0



 




Similar Part No. - HER601

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
HER601 JINGHENG-HER601 Datasheet
66Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Won-Top Electronics
HER601 WTE-HER601 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Rugao Dachang Electroni...
HER601 DACHANG-HER601 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results


Similar Description - HER601

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com