Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1630 Datasheet (PDF) - Diode Semiconductor Korea

MBR1630 Datasheet PDF - Diode Semiconductor Korea
Part # MBR1630
Download  MBR1630 Download

File Size   175.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

MBR1630 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1630 Datasheet PDF - Diode Semiconductor Korea

Part # MBR1630
Download  MBR1630 Click to download

File Size   175.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

MBR1630 Datasheet (HTML) - Diode Semiconductor Korea

MBR1630 Datasheet HTML 1Page - Diode Semiconductor Korea MBR1630 Datasheet HTML 2Page - Diode Semiconductor Korea

MBR1630 Product details

VOLTAGE RANGE: 30 - 100 V
CURRENT: 16 A

FEATURES
◇ High surge capacity.
◇ For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.
◇ Metal silicon junction, majority carrier conduction.
◇ High current capacity, low forward voltage drop.
◇ Guard ring for over voltage protection.




Similar Part No. - MBR1630

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1630 DIODES-MBR1630 Datasheet
65Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Kersemi Electronic Co.,...
MBR1630 KERSEMI-MBR1630 Datasheet
478Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Micro Commercial Compon...
MBR1630 MCC-MBR1630 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR1630 KERSEMI-MBR1630 Datasheet
489Kb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Diodes Incorporated
MBR1630 DIODES-MBR1630 Datasheet
79Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
More results


Similar Description - MBR1630

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com