Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF2545CT Datasheet (PDF) - Diode Semiconductor Korea

MBRF2545CT Datasheet PDF - Diode Semiconductor Korea
Part # MBRF2545CT
Download  MBRF2545CT Download

File Size   375.52 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBRF2545CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF2545CT Datasheet PDF - Diode Semiconductor Korea

Part # MBRF2545CT
Download  MBRF2545CT Click to download

File Size   375.52 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBRF2545CT Datasheet (HTML) - Diode Semiconductor Korea

MBRF2545CT Datasheet HTML 1Page - Diode Semiconductor Korea MBRF2545CT Datasheet HTML 2Page - Diode Semiconductor Korea

MBRF2545CT Product details

VOLTAGE RANGE: 30 - 100 V

CURRENT: 30 A



FEATURES

◇ High surge capacity.

◇ For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.

◇ Metal silicon junction, majority carrier conduction.

◇ High current capacity, low forward voltage drop.

◇ Guard ring for over voltage protection.



 




Similar Part No. - MBRF2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2545CT MOTOROLA-MBRF2545CT Datasheet
80Kb / 4P
   SWITCHMODE??Schottky Power Rectifirer
logo
Kersemi Electronic Co.,...
MBRF2545CT KERSEMI-MBRF2545CT Datasheet
128Kb / 2P
   Isolated plastic package has Underwriters Laboratory Flammability Classifications 94V-0
logo
General Semiconductor
MBRF2545CT GE-MBRF2545CT Datasheet
117Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF2545CT TSC-MBRF2545CT Datasheet
228Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
GOOD-ARK Electronics
MBRF2545CT GOOD-ARK-MBRF2545CT Datasheet
259Kb / 3P
   Dual Schottky Barrier Rectifiers
More results


Similar Description - MBRF2545CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com