Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C2800 Datasheet (PDF) - Samsung semiconductor

S3C2800 Datasheet PDF - Samsung semiconductor
Part # S3C2800
Download  S3C2800 Download

File Size   119.57 Kbytes
Page   22 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 32-BIT RISC MICROPROCESSOR

S3C2800 Datasheet (PDF)

Go To PDF Page Download Datasheet
S3C2800 Datasheet PDF - Samsung semiconductor

Part # S3C2800
Download  S3C2800 Click to download

File Size   119.57 Kbytes
Page   22 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 32-BIT RISC MICROPROCESSOR

S3C2800 Datasheet (HTML) - Samsung semiconductor

Back Button S3C2800 Datasheet HTML 1Page - Samsung semiconductor S3C2800 Datasheet HTML 2Page - Samsung semiconductor S3C2800 Datasheet HTML 3Page - Samsung semiconductor S3C2800 Datasheet HTML 4Page - Samsung semiconductor S3C2800 Datasheet HTML 5Page - Samsung semiconductor S3C2800 Datasheet HTML 6Page - Samsung semiconductor S3C2800 Datasheet HTML 7Page - Samsung semiconductor S3C2800 Datasheet HTML 8Page - Samsung semiconductor S3C2800 Datasheet HTML 9Page - Samsung semiconductor S3C2800 Datasheet HTML 10Page - Samsung semiconductor Next Button 

S3C2800 Product details

OVERVIEW
SAMSUNGs S3C2800 32-bit RISC microprocessor is designed to provide a cost-effective and high-performance micro-controller solution for general applications. The S3C2800 features the following integrated on-chip support to help design a system a low cost: 16KB I/D caches, 2-ch UART with handshake, 4-ch DMA, memory controller, 3-ch timer, GPIO (General-Purpose Input/Output) ports, RTC (Real Time Clock), 2-ch IIC-BUS interface, and a built-in PLL for system clock.

FEATURES
Architecture
• Little-/Big-endian support for external memory.
• Address space: 32Mbytes per each bank (Total 256Mbyte)
• Supports programmable 8/16/32-bit data bus width for each memory bank
• Fixed bank start address for all (static memory and dynamic memory banks)
• 8 memory banks
    – 4 memory banks for static memory (ROM, SRAM, FLASH etc)
    – 4 memory banks for dynamic memory (Fast Page, EDO, and Synchronous DRAM)
• Fully programmable access cycles for all static memory banks
• Supports external wait signal to extend the bus cycle
• Supports self-refresh mode in DRAM/SDRAM.
• Supports asymmetric/symmetric address of DRAM

    I/D (Instruction/Data) Cache Memory
• 64-way set-associative ICache (16KB) and DCache (16KB)
• 8 words per line with one valid bit and 2 dirty bits per line
• Pseudo-random or round-robin replacement algorithm
• Write-through and Write-back cache operation.
• The write buffer can hold 16 words of data and 4 addresses
• Low voltage cache for reduced power consumption

Clock & Power Manager
• The on-chip PLL generates the necessary clock for the operation of MCU at maximum of 200MHz@1.8V
• Input frequency range: (Fin) = 6MHz – 10MHz.
• Output frequency range: (FCLK) = 20MHz – 200MHz
• Clock can be selectively provided to each function block by software
• Power Down Mode: NORMAL, SLOW, and IDLE mode
    – NORMAL mode: Normal operating mode
    – SLOW mode: Low frequency clock without PLL
    – IDLE mode: Clock to CPU is disabled

PCI Bus Interface
• Embedded PCI Host Bridge
• 32-bit data bus at 66MHz
(Continue ...)




Similar Part No. - S3C2800

ManufacturerPart #DatasheetDescription
logo
Weidmuller
S3C2.5 WEIDMULLER-S3C2.5 Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5BL WEIDMULLER-S3C2.5BL Datasheet
386Kb / 21P
   FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
S3C2.5PE WEIDMULLER-S3C2.5PE Datasheet
390Kb / 20P
   PE TERMINAL, SNAP IN, 2.5 MM, 80
03.02.2023
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C2440X SAMSUNG-S3C2440X Datasheet
6Mb / 429P
   16/32-bit RISC microprocessor
More results


Similar Description - S3C2800

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com