Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM01ZZ Datasheet (PDF) - Diode Semiconductor Korea

EM01ZZ Datasheet PDF - Diode Semiconductor Korea
Part # EM01ZZ
Download  EM01ZZ Download

File Size   281.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description PLASTIC SILICON RECTIFIERS

EM01ZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EM01ZZ Datasheet PDF - Diode Semiconductor Korea

Part # EM01ZZ
Download  EM01ZZ Click to download

File Size   281.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description PLASTIC SILICON RECTIFIERS

EM01ZZ Datasheet (HTML) - Diode Semiconductor Korea

EM01ZZ Datasheet HTML 1Page - Diode Semiconductor Korea EM01ZZ Datasheet HTML 2Page - Diode Semiconductor Korea

EM01ZZ Product details

VOLTAGE RANGE: 200 --- 600 V
CURRENT: 1.0 A

FEATURES 
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0

MECHANICAL DATA
◇ Case:JEDEC DO--41,molded plastic
◇ Terminals: Axial lead ,solderable per MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.012ounces,0.34 grams
◇ Mounting position: Any




Similar Part No. - EM01ZZ

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
   Rectifier Diodes
EM01Z SANKEN-EM01Z Datasheet
23Kb / 1P
   Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM01Z BILIN-EM01Z Datasheet
58Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM01Z LUGUANG-EM01Z Datasheet
168Kb / 2P
   Plastic Silicon Rectifiers
logo
Sanken electric
EM01Z SANKEN-EM01Z Datasheet
196Kb / 4P
   Silicon Diode
More results


Similar Description - EM01ZZ

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com