Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1035X Datasheet (PDF) - Vishay Siliconix

SI1035X Datasheet PDF - Vishay Siliconix
Part # SI1035X
Download  SI1035X Download

File Size   53.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Complementary N- and P-Channel 20-V (D-S) MOSFET

SI1035X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1035X Datasheet PDF - Vishay Siliconix

Part # SI1035X
Download  SI1035X Click to download

File Size   53.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Complementary N- and P-Channel 20-V (D-S) MOSFET

SI1035X Datasheet (HTML) - Vishay Siliconix

SI1035X Datasheet HTML 1Page - Vishay Siliconix SI1035X Datasheet HTML 2Page - Vishay Siliconix SI1035X Datasheet HTML 3Page - Vishay Siliconix SI1035X Datasheet HTML 4Page - Vishay Siliconix SI1035X Datasheet HTML 5Page - Vishay Siliconix SI1035X Datasheet HTML 6Page - Vishay Siliconix SI1035X Datasheet HTML 7Page - Vishay Siliconix

SI1035X Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• TrenchFET® Power MOSFET: 1.5 V Rated
• Very Small Footprint
• High-Side Switching
• Low On-Resistance:
    N-Channel, 5 
    P-Channel, 8 
• Low Threshold: ± 0.9 V (typ.)
• Fast Switching Speed: 45 ns (typ.)
• 1.5 V Operation
• Gate-Source ESD Protected: 2000 V
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Ease in Driving Switches
• Low Offset (Error) Voltage
• Low-Voltage Operation
• High-Speed Circuits
• Low Battery Voltage Operation

APPLICATIONS
• Replace Digital Transistor, Level-Shifter
• Battery Operated Systems
• Power Supply Converter Circuits
• Load/Power Switching Cell Phones, Pagers




Similar Part No. - SI1035X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1035X VISHAY-SI1035X Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Similar Description - SI1035X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_10 Datasheet
131Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com