Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLP34 Datasheet (PDF) - Fairchild Semiconductor

FXLP34 Datasheet PDF - Fairchild Semiconductor
Part # FXLP34
Download  FXLP34 Download

File Size   322.55 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Bit Uni-Directional Translator

FXLP34 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXLP34 Datasheet PDF - Fairchild Semiconductor

Part # FXLP34
Download  FXLP34 Click to download

File Size   322.55 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Bit Uni-Directional Translator

FXLP34 Datasheet (HTML) - Fairchild Semiconductor

Back Button FXLP34 Datasheet HTML 1Page - Fairchild Semiconductor FXLP34 Datasheet HTML 2Page - Fairchild Semiconductor FXLP34 Datasheet HTML 3Page - Fairchild Semiconductor FXLP34 Datasheet HTML 4Page - Fairchild Semiconductor FXLP34 Datasheet HTML 5Page - Fairchild Semiconductor FXLP34 Datasheet HTML 6Page - Fairchild Semiconductor FXLP34 Datasheet HTML 7Page - Fairchild Semiconductor FXLP34 Datasheet HTML 8Page - Fairchild Semiconductor FXLP34 Datasheet HTML 9Page - Fairchild Semiconductor FXLP34 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FXLP34 Product details

Description
The FXLP34 is a single translator with two separate supply voltages: VCC1 for input translation voltages and VCC for output translation voltages. The FXLP34 is part of Fairchild’s Ultra Low Power (ULP) series of products. This device operates with VCC values from 1.0V to 3.6V, and is intended for use in portable applications that require ultra low power consumption.

Features
■ 1.0V to 3.6V VCC Supply Voltage
■ Converts Any Voltage (1.0V to 3.6V) to (1.0V to 3.6V)
■ 4.6V Tolerant Inputs and Outputs
■ tPD:
    - 4ns Typical for 3.0V to 3.6V VCC
■ Power-Off High Impedance Inputs and Outputs
■ Static Drive (IOH/IOL):
    - ±2.6mA at 3.00V VCC
■ Uses Proprietary Quiet Series™ Noise / EMI Reduction Circuitry
■ Ultra-Small Micropak™ Leadless Packages
■ Ultra-Low Dynamic Power




Similar Part No. - FXLP34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34 Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34 ONSEMI-FXLP34 Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34FHX ONSEMI-FXLP34FHX Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
More results


Similar Description - FXLP34

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34_06 Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34_11 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34 ONSEMI-FXLP34 Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
Rectron Semiconductor
TEP12T RECTRON-TEP12T Datasheet
293Kb / 5P
   Single Line Uni-directional Transient Voltage Suppressor
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com