Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C552ACJ68 Datasheet (PDF) - Exar Corporation

ST16C552ACJ68 Datasheet PDF - Exar Corporation
Part # ST16C552ACJ68
Download  ST16C552ACJ68 Download

File Size   222.86 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT

ST16C552ACJ68 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C552ACJ68 Datasheet PDF - Exar Corporation

Part # ST16C552ACJ68
Download  ST16C552ACJ68 Click to download

File Size   222.86 Kbytes
Page   39 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT

ST16C552ACJ68 Datasheet (HTML) - Exar Corporation

Back Button ST16C552ACJ68 Datasheet HTML 1Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 2Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 3Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 4Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 5Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 6Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 7Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 8Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 9Page - Exar Corporation ST16C552ACJ68 Datasheet HTML 10Page - Exar Corporation Next Button 

ST16C552ACJ68 Product details

DESCRIPTION
The ST16C552/ST16C552A (552/552A) is a dual universal asynchronous receiver and transmitter (UART) with an added bi-directional parallel port that is directly compatible with a CENTRONICS type printer. The parallel port is designed such that the user can configure it as general purpose I/O interface, or for connection to other printer devices. The 552/552A provides enhanced UART functions with 16 byte FIFO’s, a modem control interface, and data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status.

FEATURES
Added features in device revision "F" and newer:
 • 5V Tolerant Inputs
 • Pin to pin and functional compatible to ST16C452/ 452PS, TL16C552
 • 2.97 to 5.5 volt operation
 • Software compatible with INS8250, NS16C550
 • 1.5 Mbps transmit/receive operation (24MHz)
 • 16 byte transmit FIFO
 • 16 byte receive FIFO with error flags
 • Independent transmit and receive control
 • Modem and printer status registers
 • UART port and printer port Bi-directional
 • Printer port direction set by single control bit or 8 bit pattern (AA/55)
 • Modem control signals (-CTS, -RTS, -DSR, -DTR, -RI, -CD)
 • Programmable character lengths (5, 6, 7, 8)
 • Even, odd, or no parity bit generation and detection
 • TTL compatible inputs, outputs
 • Power down mode




Similar Part No. - ST16C552ACJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CP40 EXAR-ST16C550CP40 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results


Similar Description - ST16C552ACJ68

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com