Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR550 Datasheet (PDF) - Analog Devices

ADR550 Datasheet PDF - Analog Devices
Part # ADR550
Download  ADR550 Download

File Size   210.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision Shunt Mode Voltage References

ADR550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR550 Datasheet PDF - Analog Devices

Part # ADR550
Download  ADR550 Click to download

File Size   210.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision Shunt Mode Voltage References

ADR550 Datasheet (HTML) - Analog Devices

Back Button ADR550 Datasheet HTML 1Page - Analog Devices ADR550 Datasheet HTML 2Page - Analog Devices ADR550 Datasheet HTML 3Page - Analog Devices ADR550 Datasheet HTML 4Page - Analog Devices ADR550 Datasheet HTML 5Page - Analog Devices ADR550 Datasheet HTML 6Page - Analog Devices ADR550 Datasheet HTML 7Page - Analog Devices ADR550 Datasheet HTML 8Page - Analog Devices ADR550 Datasheet HTML 9Page - Analog Devices ADR550 Datasheet HTML 10Page - Analog Devices Next Button 

ADR550 Product details

GENERAL DESCRIPTION
Designed for space-critical applications, the ADR520/ADR525/ADR530/ADR540/ADR550 are high precision shunt voltage references, housed in ultrasmall SC70 and SOT-23-3 packages. These references feature low temperature drift of 40 ppm/°C, an initial accuracy of better than ±0.2%, and ultralow output noise of 14 μV p-p.

FEATURES
   Ultracompact SC70 and SOT-23-3 packages
   Temperature coefficient: 40 ppm/°C (maximum)
   2× the temperature coefficient improvement over the
      LM4040
   Pin compatible with the LM4040/LM4050
   Initial accuracy: ±0.2%
   Low output voltage noise: 14 μV p-p @ 2.5 V output
   No external capacitor required
   Operating current range: 50 μA to 15 mA
   Industrial temperature range: −40°C to +85°C

APPLICATIONS
   Portable, battery-powered equipment
   Automotive
   Power supplies
   Data acquisition systems
   Instrumentation and process control
   Energy measurement




Similar Part No. - ADR550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR550 AD-ADR550 Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR550A AD-ADR550A Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550ART-R2 AD-ADR550ART-R2 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550ART-REEL7 AD-ADR550ART-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550ARTZ-REEL7 AD-ADR550ARTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results


Similar Description - ADR550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
   High Precision Shunt Mode Voltage References
Rev. F
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com