Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10339FV-E2 Datasheet (PDF) - Rohm

BA10339FV-E2 Datasheet PDF - Rohm
Part # BA10339FV-E2
Download  BA10339FV-E2 Download

File Size   2167.25 Kbytes
Page   57 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ground Sense Comparator

BA10339FV-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA10339FV-E2 Datasheet PDF - Rohm

Part # BA10339FV-E2
Download  BA10339FV-E2 Click to download

File Size   2167.25 Kbytes
Page   57 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Ground Sense Comparator

BA10339FV-E2 Datasheet (HTML) - Rohm

Back Button BA10339FV-E2 Datasheet HTML 1Page - Rohm BA10339FV-E2 Datasheet HTML 2Page - Rohm BA10339FV-E2 Datasheet HTML 3Page - Rohm BA10339FV-E2 Datasheet HTML 4Page - Rohm BA10339FV-E2 Datasheet HTML 5Page - Rohm BA10339FV-E2 Datasheet HTML 6Page - Rohm BA10339FV-E2 Datasheet HTML 7Page - Rohm BA10339FV-E2 Datasheet HTML 8Page - Rohm BA10339FV-E2 Datasheet HTML 9Page - Rohm BA10339FV-E2 Datasheet HTML 10Page - Rohm Next Button 

BA10339FV-E2 Product details

General Description
General purpose BA8391G/BA10393F/BA10339xx and high reliability BA2903xxxx/BA2901xxx integrate one, two or four independent high gain voltage comparator. Some features are the wide operating voltage that is 2V to 36V (for BA8391G/BA10393F/BA2903xxxx/BA2901xxx) 3V to 36V (for BA10339xx) and low supply current. Therefore, this series is suitable for any application.
  
Features
■ Operable with a Single Power Supply
■ Wide Operating Supply Voltage
■ Standard Comparator Pin Assignments
■ Input and Output are Ground Sense Operated
■ Open Collector
■ Wide Temperature Range
  
Application
■ General Purpose
■ Current Monitor
■ Battery Monitor
■ Multivibrators  




Similar Part No. - BA10339FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
More results


Similar Description - BA10339FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com