Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8311NUV Datasheet (PDF) - Rohm

BD8311NUV Datasheet PDF - Rohm
Part # BD8311NUV_15
Download  BD8311NUV Download

File Size   1151.85 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Integrated 2.5A MOSFET 1ch Boost Converter

BD8311NUV Datasheet (PDF)

Go To PDF Page Download Datasheet
BD8311NUV Datasheet PDF - Rohm

Part # BD8311NUV_15
Download  BD8311NUV Click to download

File Size   1151.85 Kbytes
Page   25 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Integrated 2.5A MOSFET 1ch Boost Converter

BD8311NUV Datasheet (HTML) - Rohm

Back Button BD8311NUV_15 Datasheet HTML 1Page - Rohm BD8311NUV_15 Datasheet HTML 2Page - Rohm BD8311NUV_15 Datasheet HTML 3Page - Rohm BD8311NUV_15 Datasheet HTML 4Page - Rohm BD8311NUV_15 Datasheet HTML 5Page - Rohm BD8311NUV_15 Datasheet HTML 6Page - Rohm BD8311NUV_15 Datasheet HTML 7Page - Rohm BD8311NUV_15 Datasheet HTML 8Page - Rohm BD8311NUV_15 Datasheet HTML 9Page - Rohm BD8311NUV_15 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - BD8311NUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
More results


Similar Description - BD8311NUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
   1ch DC/DC boost converter
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
   1ch DC/DC boost converter
August, 2013
logo
Eutech Microelectronics...
EUP2459 EUTECH-EUP2459 Datasheet
60Kb / 1P
   2.5A, 500KHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2013 MPOWER-MA2013 Datasheet
184Kb / 2P
   1.2MHz, 2.5A, 24V Output Boost Converter
Rev 1.0
logo
Rohm
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com