Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL38DWR2G Datasheet (PDF) - ON Semiconductor

MC100EL38DWR2G Datasheet PDF - ON Semiconductor
Part # MC100EL38DWR2G
Download  MC100EL38DWR2G Download

File Size   160.89 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V ECL Clock Generation Chip

MC100EL38DWR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL38DWR2G Datasheet PDF - ON Semiconductor

Part # MC100EL38DWR2G
Download  MC100EL38DWR2G Click to download

File Size   160.89 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V ECL Clock Generation Chip

MC100EL38DWR2G Datasheet (HTML) - ON Semiconductor

MC100EL38DWR2G Datasheet HTML 1Page - ON Semiconductor MC100EL38DWR2G Datasheet HTML 2Page - ON Semiconductor MC100EL38DWR2G Datasheet HTML 3Page - ON Semiconductor MC100EL38DWR2G Datasheet HTML 4Page - ON Semiconductor MC100EL38DWR2G Datasheet HTML 5Page - ON Semiconductor MC100EL38DWR2G Datasheet HTML 6Page - ON Semiconductor

MC100EL38DWR2G Product details

The MC100EL38 is a low skew ÷2, ÷4/6 clock generation chip designed explicitly for low skew clock generation applications. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The device can be driven by either a differential or single-ended ECL or, if positive power supplies are used, PECL input signal.

• 50 ps Output-to-Output Skew
• Synchronous Enable/Disable
• Master Reset for Synchronization
• ESD Protection: > 2 kV Human Body Model, > 100 V Machine Model
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
• Internal 75 k Input Pulldown Resistors on CLK, EN, MR, and DIVSEL
• Q Output will Default LOW with Inputs Open or at VEE
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
• Transistor Count = 388 devices
• Pb−Free Packages are Available*



Similar Part No. - MC100EL38DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38DWR2G ONSEMI-MC100EL38DWR2G Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com