Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL56 Datasheet (PDF) - ON Semiconductor

MC100EL56 Datasheet PDF - ON Semiconductor
Part # MC100EL56
Download  MC100EL56 Download

File Size   153.46 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V ECL Dual Differential 2:1 Multiplexer

MC100EL56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL56 Datasheet PDF - ON Semiconductor

Part # MC100EL56
Download  MC100EL56 Click to download

File Size   153.46 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V ECL Dual Differential 2:1 Multiplexer

MC100EL56 Datasheet (HTML) - ON Semiconductor

MC100EL56 Datasheet HTML 1Page - ON Semiconductor MC100EL56 Datasheet HTML 2Page - ON Semiconductor MC100EL56 Datasheet HTML 3Page - ON Semiconductor MC100EL56 Datasheet HTML 4Page - ON Semiconductor MC100EL56 Datasheet HTML 5Page - ON Semiconductor MC100EL56 Datasheet HTML 6Page - ON Semiconductor

MC100EL56 Product details

Description
The MC100EL56 is a dual, fully differential 2:1 multiplexer. The differential data path makes the device ideal for multiplexing low skew clock or other skew sensitive signals. Multiple VBB pins are provided to ease AC coupling input signals.

Features
• 580 ps Typical Propagation Delays
• Separate and Common Select
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
• Internal Input Pulldown Resistors on D(s), SEL(s), and COM_SEL
• Q Output will Default LOW with Inputs Open or at VEE
• Pb−Free Packages are Available*



Similar Part No. - MC100EL56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC100EL56 ONSEMI-MC100EL56 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DW ONSEMI-MC100EL56DW Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWR2 ONSEMI-MC100EL56DWR2 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Similar Description - MC100EL56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com