Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL90DWG Datasheet (PDF) - ON Semiconductor

MC100EL90DWG Datasheet PDF - ON Semiconductor
Part # MC100EL90DWG
Download  MC100EL90DWG Download

File Size   147.87 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description -3.3 V / -5V Triple ECL Input to PECL Output Translator

MC100EL90DWG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL90DWG Datasheet PDF - ON Semiconductor

Part # MC100EL90DWG
Download  MC100EL90DWG Click to download

File Size   147.87 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description -3.3 V / -5V Triple ECL Input to PECL Output Translator

MC100EL90DWG Datasheet (HTML) - ON Semiconductor

MC100EL90DWG Datasheet HTML 1Page - ON Semiconductor MC100EL90DWG Datasheet HTML 2Page - ON Semiconductor MC100EL90DWG Datasheet HTML 3Page - ON Semiconductor MC100EL90DWG Datasheet HTML 4Page - ON Semiconductor MC100EL90DWG Datasheet HTML 5Page - ON Semiconductor MC100EL90DWG Datasheet HTML 6Page - ON Semiconductor

MC100EL90DWG Product details

Description
The MC100EL90 is a triple ECL to PECL translator. The device receives either −3.3 V or −5 V differential ECL signals, determined by the VEE supply level, and translates them to standard +5 V differential PECL output signals.
To accomplish the level translation, the EL90 requires three power rails. The VCC supply should be connected to the positive supply, and the VEE pin should be connected to the negative power supply. The GND pins, as expected, are connected to the system ground plane. Both VEE and VCC should be bypassed to ground via 0.01 F capacitors.

Features
• 500 ps Propagation Delays
• Operating Range: VCC= 4.75 V to 5.25 V; VEE= −3.0 V to −5.5 V; GND= 0 V
• Q Output will Default LOW with Inputs Open or at VEE
• Internal Input Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
                                   Pb = 1
                                   Pb−Free = 3
For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 1.125 in, Oxygen Index: 28 to 34
• Transistor Count = 261 devices
• Pb−Free Packages are Available*



Similar Part No. - MC100EL90DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
More results


Similar Description - MC100EL90DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com