Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3126 Datasheet (PDF) - Integrated Device Technology

IDTQS3126 Datasheet PDF - Integrated Device Technology
Part # IDTQS3126
Download  IDTQS3126 Download

File Size   38.77 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES

IDTQS3126 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3126 Datasheet PDF - Integrated Device Technology

Part # IDTQS3126
Download  IDTQS3126 Click to download

File Size   38.77 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES

IDTQS3126 Datasheet (HTML) - Integrated Device Technology

IDTQS3126 Datasheet HTML 1Page - Integrated Device Technology IDTQS3126 Datasheet HTML 2Page - Integrated Device Technology IDTQS3126 Datasheet HTML 3Page - Integrated Device Technology IDTQS3126 Datasheet HTML 4Page - Integrated Device Technology IDTQS3126 Datasheet HTML 5Page - Integrated Device Technology

IDTQS3126 Product details

DESCRIPTION:
The QS3126 provides a set of four high-speed CMOS switches connecting inputs to outputs. The low ON resistance of the QS3126 allows inputs to be connected to outputs without propagation delay and without generating additional ground bounce noise. Individual active high enables (OE) are used to turn the switches on. The QS3126 is ideal for signal and control switching since the device adds no noise, ground bounce, propagation delay, or significant power consumption to the system.
QuickSwitch devices provide an order of magnitude faster speed than conventional logic devices.
The QS3126 is characterized for operation at -40°C to +85°C.

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• Bidirectional switches connect inputs to outputs
• Pin compatible with the 74’126 function
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Available in QSOP and SOIC packages

APPLICATIONS:
• Active high enabling
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation (mass storage, work stations)
• Logic replacement (data processing)
• Clock gating
• Bus isolation




Similar Part No. - IDTQS3126

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3126 IDT-IDTQS3126 Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
More results


Similar Description - IDTQS3126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
logo
Renesas Technology Corp
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
logo
Renesas Technology Corp
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3306A IDT-IDTQS3306A_11 Datasheet
212Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL
IDTQS3388 IDT-IDTQS3388 Datasheet
54Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS BUS EXCHANGE SWITCH WITH ACTIVE TERMINATION(BUS HOLD)
IDTQS4A101 IDT-IDTQS4A101_14 Datasheet
256Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com