Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC74 Datasheet (PDF) - Integral Corp.

IN74AC74 Datasheet PDF - Integral Corp.
Part # IN74AC74
Download  IN74AC74 Download

File Size   165.59 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS

IN74AC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC74 Datasheet PDF - Integral Corp.

Part # IN74AC74
Download  IN74AC74 Click to download

File Size   165.59 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS

IN74AC74 Datasheet (HTML) - Integral Corp.

IN74AC74 Datasheet HTML 1Page - Integral Corp. IN74AC74 Datasheet HTML 2Page - Integral Corp. IN74AC74 Datasheet HTML 3Page - Integral Corp. IN74AC74 Datasheet HTML 4Page - Integral Corp. IN74AC74 Datasheet HTML 5Page - Integral Corp.

IN74AC74 Product details

Dual D Flip-Flop with Set and Reset

High-Speed Silicon-Gate CMOS



The IN74AC74 is identical in pinout to the LS/ALS74, HC/HCT74. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

This device consists of two D flip-flops with individual Set, Reset, and Clock inputs. Information at a D-input is transferred to the corresponding Q output on the next positive going edge of the clock input. Both Q and Q outputs are available from each flip-flop. The Set and Reset inputs are asynchronous.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• High Noise Immunity Characteristic of CMOS Devices

• Outputs Source/Sink 24 mA



 




Similar Part No. - IN74AC74

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC74 IKSEMICON-IN74AC74 Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74AC74D IKSEMICON-IN74AC74D Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74AC74N IKSEMICON-IN74AC74N Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC74

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT74 KODENSHI-KK74ACT74 Datasheet
318Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74AC74 KODENSHI-KK74AC74 Datasheet
322Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC74 IKSEMICON-IN74AC74 Datasheet
225Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT74 IKSEMICON-IN74ACT74 Datasheet
222Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com