Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8430 Datasheet (PDF) - Asahi Kasei Microsystems

AK8430 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8430
Download  AK8430 Download

File Size   269.98 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 6CH CCD SENSOR ANALOG PROCESSOR

AK8430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8430 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8430
Download  AK8430 Click to download

File Size   269.98 Kbytes
Page   25 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 6CH CCD SENSOR ANALOG PROCESSOR

AK8430 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK8430 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8430 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK8430 Product details

Features
□ maximum processing speed
    Single 1CH: 25M sample / sec
        3CH: 10M × 3 sample / sec
    Dual (even-odd output) 2CH (monochrome): 15M x 2 sample / sec
        6CH (color): 5M x 6 sample / sec
□ Maximum input signal level: 1.05 Vp-p (typ.) / 2.10 Vp-p (typ.)
□ 6CH simultaneous sampling CDS circuit (Correlated Double Sampling)
□ 2 black correction modes
        Black correction at pixel rate (9 bits, ± 90 mV)
        Offset cancellation (8 bits, ± 90 mV, 6 channels independent)
□ Gain adjustment PGA
        Gain adjustment range × 1 to × 4 (8 bits, 6 channels independent)
□ Overall Performance (CDS ~ ADC)
    10bit, no code missing
    DNL: ± 0.5 LSB (typ.) INL: ± 1.0 LSB (typ.)
    Total output noise: 0.5 LSBrms (typ.) (PGA gain = 1)
□ 4 wire serial I / F
□ Digital output pin 5V / 3.3V compatible
□ Low power consumption: 600mW (typ.)
□ Package: 64pin LQFP, Pin pitch 0.5mm, Mold 10mm × 10mm




Similar Part No. - AK8430

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
List of Unclassifed Man...
AK8434 ETC-AK8434 Datasheet
1Mb / 42P
   AK8434
More results


Similar Description - AK8430

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
   CCD IMAGER ANALOG PROCESSOR
CS7615 CIRRUS-CS7615 Datasheet
621Kb / 36P
   CCD IMAGER ANALOG PROCESSOR
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
   CCD Imager Analog Processor
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Holtek Semiconductor In...
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
   16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com