Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADEX-10L Datasheet (PDF) - List of Unclassifed Manufacturers

ADEX-10L Datasheet PDF - List of Unclassifed Manufacturers
Part # ADEX-10L
Download  ADEX-10L Download

File Size   61.04 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Frequency Mixer Level 4 (LO Power 4 dBm) 10 to 1000 MHz

ADEX-10L Datasheet (PDF)

Go To PDF Page Download Datasheet
ADEX-10L Datasheet PDF - List of Unclassifed Manufacturers

Part # ADEX-10L
Download  ADEX-10L Click to download

File Size   61.04 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Frequency Mixer Level 4 (LO Power 4 dBm) 10 to 1000 MHz

ADEX-10L Datasheet (HTML) - List of Unclassifed Manufacturers

ADEX-10L Datasheet HTML 1Page - List of Unclassifed Manufacturers



Similar Part No. - ADEX-10L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADEX-10L++ MINI-ADEX-10L+ Datasheet
255Kb / 1P
   FREQUENCY MIXERS
More results


Similar Description - ADEX-10L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
MCA-50LH MINI-MCA-50LH Datasheet
152Kb / 2P
   Ceramic Frequency Mixer wide band Level 10 (LO Power 10 dBm) 1000 to 5000 MHz
SCM-2++ MINI-SCM-2+ Datasheet
196Kb / 2P
   Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
MCA1-60LH MINI-MCA1-60LH Datasheet
166Kb / 2P
   Frequency Mixer WIDE BAND - Level 10 (LO Power 10 dBm) 1700 to 6000 MHz
JMS-2 MINI-JMS-2 Datasheet
328Kb / 2P
   Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
UNCL-L1 MINI-UNCL-L1 Datasheet
121Kb / 2P
   Plug-In, Low Noise Active Mixer (Level -4(LO Power -4 dBm) 10 to 500 MHz)
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
   Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com