Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP14AN06LA0 Datasheet (PDF) - Fairchild Semiconductor

FDP14AN06LA0 Datasheet PDF - Fairchild Semiconductor
Part # FDP14AN06LA0
Download  FDP14AN06LA0 Download

File Size   250.03 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?

FDP14AN06LA0 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP14AN06LA0 Datasheet PDF - Fairchild Semiconductor

Part # FDP14AN06LA0
Download  FDP14AN06LA0 Click to download

File Size   250.03 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?

FDP14AN06LA0 Datasheet (HTML) - Fairchild Semiconductor

Back Button FDP14AN06LA0 Datasheet HTML 1Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 2Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 9Page - Fairchild Semiconductor FDP14AN06LA0 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FDP14AN06LA0 Product details

Features
• rDS(ON) = 12.8mΩ (Typ.), VGS = 5V, ID = 60A
• Qg(tot) = 24nC (Typ.), VGS = 5V
• Low Miller Charge
• Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101

Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems




Similar Part No. - FDP14AN06LA0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP14AN06LA0 ISC-FDP14AN06LA0 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDP14AN06LA0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com