Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK10EL15WD Datasheet (PDF) - Semtech Corporation

SK10EL15WD Datasheet PDF - Semtech Corporation
Part # SK10EL15WD
Download  SK10EL15WD Download

File Size   94.88 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1:4 Clock Distribution

SK10EL15WD Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10EL15WD Datasheet PDF - Semtech Corporation

Part # SK10EL15WD
Download  SK10EL15WD Click to download

File Size   94.88 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1:4 Clock Distribution

SK10EL15WD Datasheet (HTML) - Semtech Corporation

SK10EL15WD Datasheet HTML 1Page - Semtech Corporation SK10EL15WD Datasheet HTML 2Page - Semtech Corporation SK10EL15WD Datasheet HTML 3Page - Semtech Corporation SK10EL15WD Datasheet HTML 4Page - Semtech Corporation

SK10EL15WD Product details

Description
The SK10/100EL15W is a low skew 1:4 clock distribution chips designed explicitly for low skew clock distribution applications. This device is fully compatible with MC10EL15 & MC100EL15. The device can be driven by either a differential or single-ended ECL or, if positive power supplies are used, PECL input signal. If a single-ended input is to be used, the VBB output should be connected to the CLK* input and bypassed to VCC via a 0.01 µF capacitor. The EL15W provides a VBB output for either single-ended use or as a DC bias for AC coupling to the device. The VBB pin should be used only as a bias for EL15W as its current sink/source capability is limited. Whenever used, the VBB pin should be bypassed to VCC via a 0.01 µF capacitor.

Features
• Extended Supply Voltage Range: (VEE = –5.5V to –3.0V, VCC = 0V) or (VCC = + 3.0V to +5.5V, VEE=0V)
• 50 ps Output-to-Output Skew
• Synchronous Enable/Disable
• Multiplexed Clock Input
• Internal 75KΩ Input Pull-Down Resistors
• Fully Compatible with MC10/100EL15
• Specified Over Industrial Temperature Range: –40°C to +85°C
• ESD Protection of >4000V
• Available in 16 Lead SOIC Package




Similar Part No. - SK10EL15WD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
SK10EL16VDT SEMTECH-SK10EL16VDT Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
More results


Similar Description - SK10EL15WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL15 MICREL-SY10EL15 Datasheet
69Kb / 5P
   1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
   3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L Datasheet
53Kb / 4P
   3.3V 1:4 CLOCK DISTRIBUTION
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com