Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK10EL16VD Datasheet (PDF) - Semtech Corporation

SK10EL16VD Datasheet PDF - Semtech Corporation
Part # SK10EL16VD
Download  SK10EL16VD Download

File Size   146.43 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Differential Receiver with Variable Output Swing

SK10EL16VD Datasheet (PDF)

Go To PDF Page Download Datasheet
SK10EL16VD Datasheet PDF - Semtech Corporation

Part # SK10EL16VD
Download  SK10EL16VD Click to download

File Size   146.43 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Differential Receiver with Variable Output Swing

SK10EL16VD Datasheet (HTML) - Semtech Corporation

SK10EL16VD Datasheet HTML 1Page - Semtech Corporation SK10EL16VD Datasheet HTML 2Page - Semtech Corporation SK10EL16VD Datasheet HTML 3Page - Semtech Corporation SK10EL16VD Datasheet HTML 4Page - Semtech Corporation SK10EL16VD Datasheet HTML 5Page - Semtech Corporation SK10EL16VD Datasheet HTML 6Page - Semtech Corporation SK10EL16VD Datasheet HTML 7Page - Semtech Corporation SK10EL16VD Datasheet HTML 8Page - Semtech Corporation SK10EL16VD Datasheet HTML 9Page - Semtech Corporation

SK10EL16VD Product details

Description
The SK10/100EL16V is a differential receiver with variable output swing. Its VCTRL input controls the amplitude of the Q and Q* outputs. The operating range of the EL16V control input, VCTRL, is from VBB (large swing) to VCC (min swing), see Figure 2. Simple control of the output swing can be obtained by a variable resistor between the VBB and VCC pins, with wiper driving CTRL. Typical application circuits and results are described in Figures 1a, 1b, and 2.

Features
• Extended Supply Voltage Range: (VEE = –5.5V to –3.0V, VCC = 0V) or (VCC = +3.0V to +5.5V, VEE = 0V)
• High Bandwidth Output Transitions
• 240 ps typical Propagation Delay
• VBB Output
• Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D*
• Q Output will Default Low with Inputs Open or at VEE
• New Differential Input Common Mode Range
• ESD Protection of >4000V
• Specified Over Industrial Temperature Range: –40°C to 85°C
• Available in both 8 Pin SOIC (150 mil) and MSOP (3mm x 3mm) Packages
• Flammability Rate: UL-94 code V-0.
• Moisture Sensitivity: Level 1.




Similar Part No. - SK10EL16VD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Similar Description - SK10EL16VD

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ100EL16VS AZM-AZ100EL16VS Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
AZ10LVEL16VS AZM-AZ10LVEL16VS Datasheet
101Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
List of Unclassifed Man...
AZ100EL16VS ETC1-AZ100EL16VS Datasheet
180Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Arizona Microtek, Inc
AZ10EP16VS AZM-AZ10EP16VS Datasheet
122Kb / 10P
   ECL/PECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com