Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA266 Datasheet (PDF) - Fairchild Semiconductor

FSA266 Datasheet PDF - Fairchild Semiconductor
Part # FSA266
Download  FSA266 Download

File Size   209.0 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch

FSA266 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA266 Datasheet PDF - Fairchild Semiconductor

Part # FSA266
Download  FSA266 Click to download

File Size   209.0 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch

FSA266 Datasheet (HTML) - Fairchild Semiconductor

Back Button FSA266 Datasheet HTML 1Page - Fairchild Semiconductor FSA266 Datasheet HTML 2Page - Fairchild Semiconductor FSA266 Datasheet HTML 3Page - Fairchild Semiconductor FSA266 Datasheet HTML 4Page - Fairchild Semiconductor FSA266 Datasheet HTML 5Page - Fairchild Semiconductor FSA266 Datasheet HTML 6Page - Fairchild Semiconductor FSA266 Datasheet HTML 7Page - Fairchild Semiconductor FSA266 Datasheet HTML 8Page - Fairchild Semiconductor FSA266 Datasheet HTML 9Page - Fairchild Semiconductor FSA266 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSA266 Product details

General Description

The FSA266 or NC7WB66 is an ultra high-speed (UHS) dual single-pole/single-throw (SPST) analog switch or 2-bit bus switch. The device is fabricated with advanced sub-micron CMOS technology to achieve high speed enable and disable times and low On Resistance over a broad VCC range. The device is specified to operate over the 1.65 to 5.5V VCC operating range. The device is organized as a dual switch with independent CMOS compatible switch enable (OE) controls. When OE is HIGH, the switch is ON and Port A is connected to Port B. When OE is LOW, the switch is OPEN and a high-impedance state exists between the two ports. The enable inputs tolerate voltages up to 5.5V independent of the VCC operating range.



Features

■ Useful in both analog and digital applications

■ Space saving US8 surface mount package

■ MicroPak Pb-Free leadless package

■ Typical 7Ω On Resistance @ 5V VCC

■ Broad VCC operating range: 1.65V to 5.5V

■ Rail-to-Rail signal handling

■ Power down high impedance control inputs

■ Control inputs are overvoltage tolerant

■ Control inputs are CMOS compatible

■ >300 MHz -3dB bandwidth



 




Similar Part No. - FSA266

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA266 ONSEMI-FSA266 Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
FSA266K8X ONSEMI-FSA266K8X Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
FSA266L8X ONSEMI-FSA266L8X Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
More results


Similar Description - FSA266

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA266 ONSEMI-FSA266 Datasheet
315Kb / 13P
   Low Voltage Dual SPST Normally Open Analog Switch or 2-Bit Bus Switch
Revised December 2005
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_05 Datasheet
220Kb / 10P
   Low Voltage Single SPST Normally Open Bus Switch
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7WB66 FAIRCHILD-NC7WB66 Datasheet
97Kb / 8P
   TinyLogic. Low Voltage UHS Dual SPST Normally Open Bus Switch
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com