Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V36100L6PFGI Datasheet (PDF) - Integrated Device Technology

72V36100L6PFGI Datasheet PDF - Integrated Device Technology
Part # 72V36100L6PFGI
Download  72V36100L6PFGI Download

File Size   310.35 Kbytes
Page   48 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II

72V36100L6PFGI Datasheet (PDF)

Go To PDF Page Download Datasheet
72V36100L6PFGI Datasheet PDF - Integrated Device Technology

Part # 72V36100L6PFGI
Download  72V36100L6PFGI Click to download

File Size   310.35 Kbytes
Page   48 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II

72V36100L6PFGI Datasheet (HTML) - Integrated Device Technology

Back Button 72V36100L6PFGI Datasheet HTML 1Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 2Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 3Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 4Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 5Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 6Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 7Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 8Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 9Page - Integrated Device Technology 72V36100L6PFGI Datasheet HTML 10Page - Integrated Device Technology Next Button 

72V36100L6PFGI Product details

DESCRIPTION:
The IDT72V36100/72V36110 are exceptionally deep, high speed, CMOS First-In-First-Out (FIFO) memories with clocked read and write controls and a flexible Bus-Matching x36/x18/x9 data flow. These FIFOs offer several key user benefits:
• Flexible x36/x18/x9 Bus-Matching on both read and write ports
• The period required by the retransmit operation is fixed and short.
• The first word data latency period, from the time the first word is
   written to an empty FIFO to the time it can be read, is fixed and short.
• Asynchronous/Synchronous translation on the read or write ports
• High density offerings up to 4 Mbit

FEATURES:
• Choose among the following memory organizations:
   IDT72V36100 - 65,536 x 36
   IDT72V36110 - 131,072 x 36
• Higher density, 2Meg and 4Meg SuperSync II FIFOs
• Up to 166 MHz Operation of the Clocks
• User selectable Asynchronous read and/or write ports (PBGA Only)
• User selectable input and output port bus-sizing
   - x36 in to x36 out
   - x36 in to x18 out
   - x36 in to x9 out
   - x18 in to x36 out
   - x9 in to x36 out
• Big-Endian/Little-Endian user selectable byte representation
• 5V input tolerant
• Fixed, low first word latency
• Zero latency retransmit
• Auto power down minimizes standby power consumption
• Master Reset clears entire FIFO
• Partial Reset clears data, but retains programmable settings
• Empty, Full and Half-Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags, each flag can
   default to one of eight preselected offsets
• Selectable synchronous/asynchronous timing modes for Almost
   Empty and Almost-Full flags
• Program programmable flags by either serial or parallel means
• Select IDT Standard timing (using EF and FF flags) or First Word
   Fall Through timing (using OR and IR flags)
• Output enable puts data outputs into high impedance state
• Easily expandable in depth and width
• JTAG port, provided for Boundary Scan function (PBGA Only)
• Independent Read and Write Clocks (permit reading and writing
   simultaneously)
• Available in a 128-pin Thin Quad Flat Pack (TQFP) or a 144-pin Plastic
   Ball Grid Array (PBGA) (with additional features)
• Pin compatible to the SuperSync II (IDT72V3640/72V3650/72V3660/
   72V3670/72V3680/72V3690) family
• High-performance submicron CMOS technology
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - 72V36100L6PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36100L6PFG RENESAS-72V36100L6PFG Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG8 RENESAS-72V36100L6PFG8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results


Similar Description - 72V36100L6PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com