Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1393115-2 Datasheet (PDF) - TE Connectivity Ltd

3-1393115-2 Datasheet PDF - TE Connectivity Ltd
Part # 3-1393115-2
Download  3-1393115-2 Download

File Size   599.02 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Single or dual wound DC coils or single wound AC coils

3-1393115-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
3-1393115-2 Datasheet PDF - TE Connectivity Ltd

Part # 3-1393115-2
Download  3-1393115-2 Click to download

File Size   599.02 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Single or dual wound DC coils or single wound AC coils

3-1393115-2 Datasheet (HTML) - TE Connectivity Ltd

3-1393115-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393115-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393115-2 Datasheet HTML 3Page - TE Connectivity Ltd



Similar Part No. - 3-1393115-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1393115-2 TEC-3-1393115-2 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
More results


Similar Description - 3-1393115-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUL-0811 TEC-KUL-0811 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
logo
Murata Manufacturing Co...
LQH44PN6R8MP0L MURATA-LQH44PN6R8MP0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN470MJ0L MURATA-LQH44PN470MJ0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
logo
Linear Technology
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
logo
Murata Manufacturing Co...
LQH44P MURATA-LQH44P Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com