Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05RD08 Datasheet (PDF) - Sharp Corporation

PQ05RD08 Datasheet PDF - Sharp Corporation
Part # PQ05RD08
Download  PQ05RD08 Download

File Size   100.82 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR

PQ05RD08 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ05RD08 Datasheet PDF - Sharp Corporation

Part # PQ05RD08
Download  PQ05RD08 Click to download

File Size   100.82 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR

PQ05RD08 Datasheet (HTML) - Sharp Corporation

PQ05RD08 Datasheet HTML 1Page - Sharp Corporation PQ05RD08 Datasheet HTML 2Page - Sharp Corporation PQ05RD08 Datasheet HTML 3Page - Sharp Corporation PQ05RD08 Datasheet HTML 4Page - Sharp Corporation PQ05RD08 Datasheet HTML 5Page - Sharp Corporation PQ05RD08 Datasheet HTML 6Page - Sharp Corporation PQ05RD08 Datasheet HTML 7Page - Sharp Corporation PQ05RD08 Datasheet HTML 8Page - Sharp Corporation

PQ05RD08 Product details

■ Features

● Low power-loss (Dropout voltage: MAX. 0.5V at Io=0.5A)

● 0.8A output type

● Compact resin package (equivalent to TO-220)

● Available 3.3V/5V/6.3V/9V/12V output type

● Output voltage precision: ±3.0%

● Built-in ON/OFF control function

● Built-in Overcurrent, overheat protection functions, ASO protection circuit

● Lead forming type is also available.



■ Applications

● Power supplies for various electronic equipment such as AV, OA equipment



 




Similar Part No. - PQ05RD08

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD21 SHARP-PQ05RD21 Datasheet
21Kb / 2P
   Low Power-Loss Voltage Regulator
PQ05RD21 SHARP-PQ05RD21 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
More results


Similar Description - PQ05RD08

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
   3.3V/4.6V Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com