Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR502EB Datasheet (PDF) - Rohm

2SAR502EB Datasheet PDF - Rohm
Part # 2SAR502EB
Download  2SAR502EB Download

File Size   2071.62 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP 500mA 30V General purpose transistors

2SAR502EB Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR502EB Datasheet PDF - Rohm

Part # 2SAR502EB
Download  2SAR502EB Click to download

File Size   2071.62 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP 500mA 30V General purpose transistors

2SAR502EB Datasheet (HTML) - Rohm

2SAR502EB Datasheet HTML 1Page - Rohm 2SAR502EB Datasheet HTML 2Page - Rohm 2SAR502EB Datasheet HTML 3Page - Rohm 2SAR502EB Datasheet HTML 4Page - Rohm 2SAR502EB Datasheet HTML 5Page - Rohm 2SAR502EB Datasheet HTML 6Page - Rohm 2SAR502EB Datasheet HTML 7Page - Rohm 2SAR502EB Datasheet HTML 8Page - Rohm 2SAR502EB Datasheet HTML 9Page - Rohm



Similar Part No. - 2SAR502EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR502E3 ROHM-2SAR502E3 Datasheet
2Mb / 10P
   PNP 500mA 30V General purpose transistors
20221201 - Rev.002
2SAR502E3HZG ROHM-2SAR502E3HZG Datasheet
1Mb / 9P
   PNP -500mA -30V General purpose transistors
20220721 - Rev.002
More results


Similar Description - 2SAR502EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR502E3HZG ROHM-2SAR502E3HZG Datasheet
1Mb / 9P
   PNP -500mA -30V General purpose transistors
20220721 - Rev.002
2SAR502U3HZG ROHM-2SAR502U3HZG Datasheet
1Mb / 13P
   PNP 500mA 30V General purpose transistors
2SAR502E3 ROHM-2SAR502E3 Datasheet
2Mb / 10P
   PNP 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502UB ROHM-2SCR502UB Datasheet
1Mb / 8P
   NPN 500mA 30V General purpose transistors
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
   NPN 500mA 30V General purpose transistors
20220712 - Rev.001
2SCR502U3HZG ROHM-2SCR502U3HZG Datasheet
1Mb / 10P
   NPN 500mA 30V General purpose transistors
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
   NPN 500mA 30V General purpose transistors
20221201 - Rev.002
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com