Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4386 Datasheet (PDF) - List of Unclassifed Manufacturers

SGA-4386 Datasheet PDF - List of Unclassifed Manufacturers
Part # SGA-4386
Download  SGA-4386 Download

File Size   413.6 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4386 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-4386 Datasheet PDF - List of Unclassifed Manufacturers

Part # SGA-4386
Download  SGA-4386 Click to download

File Size   413.6 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4386 Datasheet (HTML) - List of Unclassifed Manufacturers

SGA-4386 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-4386 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-4386 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-4386 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-4386 Datasheet HTML 5Page - List of Unclassifed Manufacturers

SGA-4386 Product details

Product Description
Sirenaz Microdevices SGA-4386 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 14.6 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite




Similar Part No. - SGA-4386

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386Z SIRENZA-SGA-4386Z Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-4386

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6486 SIRENZA-SGA-6486 Datasheet
95Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com