Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34058 Datasheet (PDF) - Motorola, Inc

MC34058 Datasheet PDF - Motorola, Inc
Part # MC34058
Download  MC34058 Download

File Size   240.59 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS

MC34058 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34058 Datasheet PDF - Motorola, Inc

Part # MC34058
Download  MC34058 Click to download

File Size   240.59 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS

MC34058 Datasheet (HTML) - Motorola, Inc

Back Button MC34058 Datasheet HTML 1Page - Motorola, Inc MC34058 Datasheet HTML 2Page - Motorola, Inc MC34058 Datasheet HTML 3Page - Motorola, Inc MC34058 Datasheet HTML 4Page - Motorola, Inc MC34058 Datasheet HTML 5Page - Motorola, Inc MC34058 Datasheet HTML 6Page - Motorola, Inc MC34058 Datasheet HTML 7Page - Motorola, Inc MC34058 Datasheet HTML 8Page - Motorola, Inc MC34058 Datasheet HTML 9Page - Motorola, Inc MC34058 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC34058 Product details

The Motorola MC34058/9 Hex Transceiver is composed of six driver/receiver combinations designed to comply with the EIA–485 standard. Features include three–state outputs, thermal shutdown for each driver, and current limiting in both directions. This device also complies with EIA–422 and CCITT Recommendations V.11 and X.27.

• Meets EIA–485 Standard for Party Line Operation
• Meets EIA–422A and CCITT Recommendations V.11 and X.27
• Operating Ambient Temperature: 0°C to +70°C
• Common Mode Driver Output/Receiver Input Range: –7.0 to +12 V
• Positive and Negative Current Limiting
• Transmission Rates to 14 MBPS (MC34058) and 20 MBPS (MC34059)
• Driver Thermal Shutdown at 150°C Junction Temperature
• Thermal Shutdown Active Low Output
• Single +5.0 V Supply, ±10%
• Low Supply Current
• Compact 7.0 mm 48 Lead TQFP Plastic Package




Similar Part No. - MC34058

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34051 MOTOROLA-MC34051 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34055DW MOTOROLA-MC34055DW Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
More results


Similar Description - MC34058

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
logo
Renesas Technology Corp
HD74LS366A RENESAS-HD74LS366A Datasheet
161Kb / 5P
   Hex Bus Drivers (with three-state outputs)
HD74LS365A RENESAS-HD74LS365A Datasheet
145Kb / 5P
   Hex Bus Drivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS365A HITACHI-HD74LS365A Datasheet
52Kb / 6P
   Hex Bus Drivers(with three-state outputs)
HD74LS368A HITACHI-HD74LS368A Datasheet
54Kb / 6P
   Hex Bus Drivers(inverted data outputs with three-state outputs)
logo
Renesas Technology Corp
HD74LS368A RENESAS-HD74LS368A Datasheet
64Kb / 6P
   Hex Bus Drivers (inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com