Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT22DT Datasheet (PDF) - ON Semiconductor

MC100ELT22DT Datasheet PDF - ON Semiconductor
Part # MC100ELT22DT
Download  MC100ELT22DT Download

File Size   57.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5VDual TTL to Differential PECL Translator

MC100ELT22DT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100ELT22DT Datasheet PDF - ON Semiconductor

Part # MC100ELT22DT
Download  MC100ELT22DT Click to download

File Size   57.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5VDual TTL to Differential PECL Translator

MC100ELT22DT Datasheet (HTML) - ON Semiconductor

MC100ELT22DT Datasheet HTML 1Page - ON Semiconductor MC100ELT22DT Datasheet HTML 2Page - ON Semiconductor MC100ELT22DT Datasheet HTML 3Page - ON Semiconductor MC100ELT22DT Datasheet HTML 4Page - ON Semiconductor MC100ELT22DT Datasheet HTML 5Page - ON Semiconductor MC100ELT22DT Datasheet HTML 6Page - ON Semiconductor MC100ELT22DT Datasheet HTML 7Page - ON Semiconductor MC100ELT22DT Datasheet HTML 8Page - ON Semiconductor

MC100ELT22DT Product details

5VDual TTL to Differential PECL Translator

The MC10ELT/100ELT22 is a dual TTL to differential PECL translator. Because PECL (Positive ECL) levels are used only +5 V and ground are required. The small outline 8-lead package and the low skew, dual gate design of the ELT22 makes it ideal for applications which require the translation of a clock and a data signal.

• 1.2 ns Typical Propagation Delay
• <300 ps Typical Output to Output Skew
• PNP TTL Inputs for Minimal Loading
• Flow Through Pinouts
• ESD Protection: >2 KV HBM, >200 V MM
• Operating Range: VCC= 4.75 V to 5.25 V with GND= 0 V
• No Internal Input Pulldown Resistors
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL–94 code V–0 @ 1/8”, Oxygen Index 28 to 34
• Transistor Count = 51 devices



Similar Part No. - MC100ELT22DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT22DT ONSEMI-MC100ELT22DT Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC100ELT22DTG ONSEMI-MC100ELT22DTG Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC100ELT22DTG ONSEMI-MC100ELT22DTG Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
MC100ELT22DTR2 ONSEMI-MC100ELT22DTR2 Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC100ELT22DTR2G ONSEMI-MC100ELT22DTR2G Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com